PART |
Description |
Maker |
ADF4001 ADF4001BCP ADF4001BRU |
200 MHz Clock Generator PLL 200MHz Clock Generator PLL
|
Analog Devices, Inc. AD[Analog Devices]
|
UPD424280LLE-A80 UPD424280LLE-A70 UPD424280AG5M-80 |
x18 Fast Page Mode DRAM Quad PLL Clock Generator with Serial Interface (I2C) Low-Cost 3.3V Spread Aware Zero Delay Buffer MediaClock MPEG Clock Generator with VCXO MediaClock PDP Clock Generator Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction HOTLink II SMPTE Receiver Training Clock 3.3V Zero Delay Buffer x18快速页面模式的DRAM
|
|
CY2071ASI-XXX CY2071ASI-XXXT CY2071ASXC-XXXT CY207 |
Single-PLL General-Purpose EPROM Programmable Clock Generator 100 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MPC9992 |
3.3V Differential ECL/PECL PLL Clock Generator From old datasheet system 3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
|
Motorola, Inc.
|
CY2546IXXXT CY2546IT |
Quad PLL Programmable Clock Generator with Spread Spectrum 166 MHz, OTHER CLOCK GENERATOR, QCC24 Quad PLL Programmable Clock Generator with Spread Spectrum; Voltage(V): 1.8 V; Input Frequency Range: 8 MHz to 166 MHz; Output Frequency Range: 3 MHz to 166 MHz; Operating Range: -40 to 85 C; Package: QFN 166 MHz, OTHER CLOCK GENERATOR, QCC24
|
Cypress Semiconductor, Corp.
|
ISPPACCLK5610AV-01TN48C ISPPACCLK5610AV-01TN48I IS |
In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer 5600 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 TQFP-100 5600 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 TQFP-48 CLOCK GENERATOR, ISP, SMD, TQFP48; Frequency, clock:10MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Pins, No. of:48; Case style:TQFP / 48; Base number:5610; Packaging type:Peel Pack; Voltage, Vcc:3.3V; Temperature, RoHS Compliant: Yes In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
CY22801KSXI-XXX CY22801KSXC-XXX CY22801KSXC-XXXT C |
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL) Universal Programmable Clock Generator (UPCG); Voltage (V): 3.3 V; Input Range: 1 MHz to 133 MHz; Output Range: 1 MHz to 200 MHz; Outputs: 3 200 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Cypress Semiconductor
|
FS6322-04 |
Three-PLL Clock Generator IC
|
Electronic Theatre Controls, Inc.
|
FS6128-07 |
PLL Clock Generator IC with VCXO
|
List of Unclassifed Manufacturers ETC
|